| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4683 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4683 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 31 page ![]() May 2015 DocID027745 Rev 1 1/31 31 AN4683 Application note Transport layer security protocol for SPWFxxx module Introduction The purpose of this document is to present a demonstration package for creating a secure connection over TCP/IP between the Wi-Fi module SPWF01Sxxx (see [1] in References)and a remote server exposing secured service. Security is provided by the secure sockets layer (SSL) and transport layer security (TLS) protocols. The SSL/TLS protocols provide security for communication over networks, such as the Internet, and allow client and server applications to communicate in a way that is confidential and secure. The document includes a brief introduction to SSL/TLS principles, a description of the demonstration package organization and a tutorial with client-server connection examples. www.st.com |
Numéro de pièce similaire - AN4683 |
|
Description similaire - AN4683 |