Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1653 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce UM1653
Description  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 33Page - STMicroelectronics UM1653 Datasheet HTML 34Page - STMicroelectronics UM1653 Datasheet HTML 35Page - STMicroelectronics UM1653 Datasheet HTML 36Page - STMicroelectronics UM1653 Datasheet HTML 37Page - STMicroelectronics UM1653 Datasheet HTML 38Page - STMicroelectronics UM1653 Datasheet HTML 39Page - STMicroelectronics UM1653 Datasheet HTML 40Page - STMicroelectronics UM1653 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
DocID025024 Rev 1
37/45
UM1653
NAND evaluation board
44
4.
This drive can be used as Mass Storage Media.
3.1.2
Running in Standalone mode (STEVAL-CCM006/7/8V2)
The STEVAL-CCM006V2, STEVAL-CCM007V2, STEVAL-CCM008V2 boards run in
Standalone mode.
1.
By default TFT is mounted on J6.
2.
Connect mini-USB cable between J4 on the PCB and the Host (PC).
3.
The bmp images stored in the "pics" folder of root directory are displayed on the TFT.
Figure 12. Demo running in Standalone mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45