| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1653 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1653 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 45 page ![]() DocID025024 Rev 1 21/45 UM1653 NAND driver firmware modules 44 Table 11. SBLK_NAND_WearLeveling Function name SBLK_NAND_WearLeveling. Prototype uint16_t SBLK_NAND_WearLeveling (uint8_t ZoneNumber) Behavior description Builds the Look Up Table According to the Wear Count. Input parameter ZoneNumber: Zone Number. Output parameter Status of SBLK_NAND_WearLeveling. This parameter can be: – NAND_OK: when the NAND wear leveling is successful – NAND_FAIL: when NAND fails to wear leveling. Table 12. LBLK_NAND_WearLeveling Function name LBLK_NAND_WearLeveling. Prototype uint16_t LBLK_NAND_WearLeveling (uint8_t ZoneNumber) Behavior description Builds the Look Up Table According to the Wear Count. Input parameter ZoneNumber: Zone Number. Output parameter Status of LBLK_NAND_WearLeveling. This parameter can be: – NAND_OK: when the NAND wear leveling is successful – NAND_FAIL: when NAND fails to wear leveling. Table 13. NAND_GetFreeBlock Function name NAND_GetFreeBlock. Prototype uint16_t NAND_GetFreeBlock (void) Behavior description Looks for a free Block for data exchange from Look Up Table. Input parameter None Output parameter Logical Block Number of free Block. Table 14. SBLK_NAND_ReadSpareArea Function name SBLK_NAND_ReadSpareArea. Prototype SPARE_AREA SBLK_NAND_ReadSpareArea (uint32_t address) Behavior description Page Number in multiple of 512 Byte per Page. Input parameter address: Corresponding Page Number of Spare Area to be read. Output parameter SPARE AREA after reading. Table 15. LBLK_NAND_ReadSpareArea Function name LBLK_NAND_ReadSpareArea. Prototype LBLK_SPARE_AREA LBLK_NAND_ReadSpareArea (uint32_t address) Behavior description Page Number in multiple of 512 Byte per Page. Input parameter address: Corresponding Page Number of Spare Area to be read. Output parameter LBLK_SPARE_AREA after reading. |