| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1653 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1653 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 45 page ![]() DocID025024 Rev 1 31/45 UM1653 NAND driver firmware modules 44 Table 47. FSMC_NAND_Reset Function name FSMC_NAND_Reset. Prototype uint32_t FSMC_NAND_Reset(void) Behavior description Resets the NAND FLASH. Input parameter None Output parameter NAND_READY. Table 48. FSMC_NAND_GetStatus Function name FSMC_NAND_GetStatus. Prototype uint32_t FSMC_NAND_GetStatus(void) Behavior description Gets the NAND operation status. Input parameter None Output parameter New status of the NAND operation. This parameter can be: – NAND_TIMEOUT_ERROR: when the previous operation generate a Timeout error. – NAND_READY: when memory is ready for the next operation. Table 49. FSMC_SBLK_NAND_CopyBack Function name FSMC_SBLK_NAND_CopyBack. Prototype uint32_t FSMC_SBLK_NAND_CopyBack(NAND_ADDRESS src, NAND_ADDRESS dest) Behavior description Copies One Page from Source Address to Destination Address without utilizing external Memory. Input parameter src: Source Address. dest: Destination Address. Output parameter The status of the NAND memory. This parameter can be: – NAND_BUSY: when memory is busy. – NAND_READY: when memory is ready for the next operation. – NAND_ERROR: when the previous operation generates error. |