| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1653 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1653 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 45 page ![]() DocID025024 Rev 1 23/45 UM1653 NAND driver firmware modules 44 Table 19. NAND_Format Function name NAND_Format. Prototype uint16_t NAND_Format (void) Behavior description Format the entire NAND Flash. Input parameter None Output parameter Status of NAND Format. This parameter can be: – NAND_OK: when the NAND Format is successful – NAND_FAIL: when NAND fails to Format. Table 20. NAND_PostWrite Function name NAND_PostWrite. Prototype uint16_t NAND_PostWrite (void) Behavior description NAND Post Write. Input parameter None Output parameter Status of NAND Post Write. This parameter can be: – NAND_OK: when the NAND Post Write is successful – NAND_FAIL: when NAND fails to Post Write. Table 21. SBLK_NAND_PostWrite Function name SBLK_NAND_PostWrite. Prototype void SBLK_NAND_PostWrite (void) Behavior description Small Block NAND_PostWrite. Input parameter None Output parameter None Table 22. LBLK_NAND_PostWrite Function name LBLK_NAND_PostWrite. Prototype void LBLK_NAND_PostWrite (void) Behavior description Large Block NAND Post Write. Input parameter None Output parameter None |