| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1653 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1653 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 45 page ![]() NAND driver firmware modules UM1653 28/45 DocID025024 Rev 1 2.7.2 fsmc_nand_if.c, fsmc_nand_if.h functions Table 38. FSMC_SelectNANDType Function name FSMC_SelectNANDType. Prototype void FSMC_SelectNANDType(void) Behavior description Selects the NAND Type & sets the Required Parameter accordingly. NAND may be SBLK_NAND or LBLK_NAND. Input parameter None Output parameter None Table 39. FSMC_NAND_NON_ONFI_Compliance Function name FSMC_NAND_NON_ONFI_Compliance. Prototype void FSMC_NAND_NON_ONFI_Compliance(void) Behavior description Selects the NON ONFI NAND Type & sets the Required Parameter accordingly. NAND may be SBLK_NAND or LBLK_NAND. Input parameter None Output parameter None Table 40. FSMC_NAND_Init Function name FSMC_NAND_Init. Prototype void FSMC_NAND_Init(void) Behavior description Configures the FSMC and GPIOs to interface with the NAND memory. This function must be called before any write/read operation. Input parameter None Output parameter None Table 41. FSMC_NAND_ReadID Function name FSMC_NAND_ReadID Prototype void FSMC_NAND_ReadID(NAND_IDTypeDef* NAND_ID) Behavior description Reads NAND memory's Manufacturer and Device ID. Input parameter NAND_ID: pointer to a NAND_IDTypeDef structure Output parameter None |