| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1535 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1535 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 39 page ![]() UM1535 Glossary Doc ID 023036 Rev 2 33/39 8 Glossary Table 3. List of abbreviations Term Definition API Application programming interface ARM Advanced RISC machine BSP Board support package DDR Double data rate (RAM) DHCP Dynamic host configuration protocol FAT File allocation table FTP File transfer protocol GCC GNU compiler collection GPL General public license (GNU) IDE Integrated development environment IP Internet protocol LAN Local area network LGPL Lesser GPL LSP Linux support package MAC Media access control MTD Memory technology device NFS Network file system OS Operating system RAM Random access memory RPM RPM package manager RTC Real time clock SDK Software development kit SRAM Static RAM TFTP Trivial file transfer protocol UART Universal asynchronous receiver transmitter USB Universal serial bus ST site http://www.stlinux.com/drupal/csd |