Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1535 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 21Page - STMicroelectronics UM1535 Datasheet HTML 22Page - STMicroelectronics UM1535 Datasheet HTML 23Page - STMicroelectronics UM1535 Datasheet HTML 24Page - STMicroelectronics UM1535 Datasheet HTML 25Page - STMicroelectronics UM1535 Datasheet HTML 26Page - STMicroelectronics UM1535 Datasheet HTML 27Page - STMicroelectronics UM1535 Datasheet HTML 28Page - STMicroelectronics UM1535 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
UM1535
Working at application level (userland)
Doc ID 023036 Rev 2
25/39
The provided toolchain is based on the widely adopted open source GNU toolset. A
summary of the main available command-line tools is reported in Table 1. For detailed
documentation please consult the GNU Web site: http://www.gnu.org/manual/manual.html.
4.3
Userland packages
The general STLinux distribution comes with a set of user-space packages prebuilt for the
ARM target. This set includes programs and libraries for:
●
Graphics: for example, X Server, SDL, Cairo, DirectFB, GTK+, Qt Embedded
●
Programming language runtimes: for example, micro Perl
●
Connectivity: for example, usblib, Bluetooth (Bluez)
●
Multimedia frameworks: for example, ALSA, GStreamer
●
Database: for example, sqlite
●
Benchmarking tools: for example, IOZONE, netperf
Some of these packages are not supported on SPEAr evaluation boards yet, in particular
ones requiring specific hardware for audio, video, wireless connectivity.
4.4
Rebuilding the root file system
The default root file system provided as pre-flashed on all SPEAr evaluation boards, as well
as binary image on ST Web site for upgrades, is built for serial NOR Flash and formatted
according to JFFS2 structure.
In order to rebuild this configuration, the procedure to be run on Linux host PC is as follows:
Table 1.
Main toolchain commands
Package
Tool
Description
GCC
Gcc
C Cross-compiler for ARM
Gcov
Code coverage
binutils
Ar
Archiver
As
Cross-assembler for ARM
Gprof
Profiling tool
Ld
Cross-linker for ARM
Nm
Lists symbols in object files
Objcopy
Copies a binary file.
Objdump
Displays information from object files.
Ranlib
Generates an index to speed access to archives.
Readelf
Displays the information about the contents of ELF format files
Rtrip
Removes symbols and sections from files
GNU Make
Make
Incremental build management
GDB
Gdb
Debugger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39