Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1535 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 17Page - STMicroelectronics UM1535 Datasheet HTML 18Page - STMicroelectronics UM1535 Datasheet HTML 19Page - STMicroelectronics UM1535 Datasheet HTML 20Page - STMicroelectronics UM1535 Datasheet HTML 21Page - STMicroelectronics UM1535 Datasheet HTML 22Page - STMicroelectronics UM1535 Datasheet HTML 23Page - STMicroelectronics UM1535 Datasheet HTML 24Page - STMicroelectronics UM1535 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
UM1535
The STLinux distribution
Doc ID 023036 Rev 2
21/39
The STLinux distribution relies on a slightly customized version of Yum, known as stmyum,
to ensure that it does not interfere with any native Yum installation. It is automatically
installed at /opt/STM/STLinux-X.X/host/bin and the PATH environment variable must include
this directory to be able to use it.
3.4
Installing the STLinux distribution
Installing from the from the STLinux.com website
To install the STLinux distribution from the STLinux.com website, perform the following
steps:
1.
Go to the download section of STLinux
2.
Download section points to ftp site of STLinux (ftp://ftp.stlinux.com/pub/stlinux/)
3.
Click the 2.4 link on this web site
4.
Download install script on your Linux PC
5.
Execute the following command to install STLinux-2.4:
ARMV7
./install all-armv7-glibc-spear
ARMV5
./install all-armv5-glibc-spear
6.
The STLinux tool chain installs at the following path:
/opt/STM/STLinux2.4/
If you have STLinux2.3 installed on you machine, they can co-exist.
7.
When the installation is completed, configure the Linux shell environment as follows:
ARMV7:
$ export PATH=$PATH:.: /opt/STM/STLinux-2.4/devkit/armv7/bin
$ export CROSS_COMPILE=armv7-linux-
ARMV5:
$ export PATH=$PATH:.: /opt/STM/STLinux-2.4/devkit/armv5/bin
$ export CROSS_COMPILE=armv5-linux-
As well as these paths, the host binaries path is added with $ export PATH=$PATH:.:
/opt/STM/STLinux-2.4/host/bin
.
Note:
In order to preserve this configuration, the same commands should be also be put in a bash
shell initialization file.
Installing from FTP (rsync command)
The STLinux-2.4 distribution can also be installed by copying contents from the FTP site and
then installing.
Using the rsync command makes copying and synching easy.
The same command can be run periodically to keep the local copy in sync with the updates
on the remote server. These local copies can be used to install the STLinux distribution.
ARMV7
./install all-armv7-glibc-spear
ARMV5
./install all-armv5-glibc-spear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39