Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1535 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 27Page - STMicroelectronics UM1535 Datasheet HTML 28Page - STMicroelectronics UM1535 Datasheet HTML 29Page - STMicroelectronics UM1535 Datasheet HTML 30Page - STMicroelectronics UM1535 Datasheet HTML 31Page - STMicroelectronics UM1535 Datasheet HTML 32Page - STMicroelectronics UM1535 Datasheet HTML 33Page - STMicroelectronics UM1535 Datasheet HTML 34Page - STMicroelectronics UM1535 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
UM1535
Rebuilding the bootloaders
Doc ID 023036 Rev 2
31/39
7
Rebuilding the bootloaders
7.1
XLoader
The default XLoader provided as pre-flashed on all SPEAr evaluation boards, as well as
binary image on ST Web site for upgrades, is built for serial NOR Flash.
If needed, the XLoader firmware image can be rebuilt. Relevant commands to be run on
Linux PC are described below.
EVALSPEAR300
To rebuild U-Boot on a Linux host PC, run the following commands:
$ make mrproper
$ make ARCH=arm CROSS_COMPILE=armv5-linux- spear300_config
$ make ARCH=arm CROSS_COMPILE=armv5-linux-
EVALSPEAR310
$ make mrproper
$ make ARCH=arm CROSS_COMPILE=armv5-linux- spear310_config
$ make ARCH=arm CROSS_COMPILE=armv5-linux-
EVALSP320SCPU + PLC Expansion board
$ make mrproper
$ make ARCH=arm CROSS_COMPILE=armv5-linux- spear320_config
$ make ARCH=arm CROSS_COMPILE=armv5-linux-
EVALSP320SCPU + HMI Expansion board
$ make mrproper
$ make ARCH=arm CROSS_COMPILE=armv5-linux- spear320_hmi_config
$ make ARCH=arm CROSS_COMPILE=armv5-linux-
EVALSPEAR600
$ make mrproper
$ make ARCH=arm CROSS_COMPILE=armv5-linux- spear600_config
$ make ARCH=arm CROSS_COMPILE=armv5-linux-
EVALSP1310CPU
$ make mrproper
$ make ARCH=arm CROSS_COMPILE=armv7-linux- spear1310_reva_config
$ make ARCH=arm CROSS_COMPILE=armv7-linux-
EVALSP1340CPU
$ make mrproper
$ make ARCH=arm CROSS_COMPILE=armv7-linux- spear1340_config
$ make ARCH=arm CROSS_COMPILE=armv7-linux-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39