| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1535 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1535 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 39 page ![]() Working with pre-flashed software UM1535 12/39 Doc ID 023036 Rev 2 # cat /proc/cpuinfo Displays information about the SPEAr CPU # cat /proc/meminfo Displays information about memory usage # cat /proc/modules Displays information about kernel extension modules # cat /proc/mtd Displays information about Flash partitions # cat /proc/partitions Displays other information about Flash partitions # cat /proc/stat Displays OS status information # cat /proc/bus/usb/devices Displays information about USB Host ports # cat /proc/net/dev Reports Ethernet information. # cat /proc/net/tcp Reports TCP sockets information. # cat /proc/net/udp Reports UDP sockets information. # cat /proc/net/arp Reports ARP table. # cat /proc/net/route Reports IP routing table. # cat /proc/kallsyms Lists all kernel symbols The standard /proc/bus/usb subtree is also made available. This is used to access USB Host controllers and plugged devices from user-space applications. For more details about the functionality provided by pseudo file systems, please refer to standard Linux documentation. 2.4 Using a USB pen drive USB pen drives can be accessed in a standard Linux way, connecting them to a USB host port and mounting their file system under root file system. An example of operational sequence for a standard pen drive connected as "sda" device (only one pen drive present) is the following: 1. Plug the pen drive in a USB port. and wait for the Linux kernel to autodetect it (you can see active kernel messages on the terminal) 2. Mount the pen drive file system: # mount /dev/sda1 /mnt Now the pen drive file system can be accessed under /mnt directory. 3. Transfer files as usual (for example, cp command). 4. When finished, unmount the pen drive: # umount /mnt Now you can physically unplug the pen drive. 2.5 Using a MMC/SD card Some evaluation boards (currently EVALSP1340CPU / EVALSP320SCPU / EVALSPEAR300 / EVALSPEAR600) provide a MMC/SD card reader slot. An example of operation sequence for a MMC/SD card is the following: |