Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4088 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 35Page - STMicroelectronics AN4088 Datasheet HTML 36Page - STMicroelectronics AN4088 Datasheet HTML 37Page - STMicroelectronics AN4088 Datasheet HTML 38Page - STMicroelectronics AN4088 Datasheet HTML 39Page - STMicroelectronics AN4088 Datasheet HTML 40Page - STMicroelectronics AN4088 Datasheet HTML 41Page - STMicroelectronics AN4088 Datasheet HTML 42Page - STMicroelectronics AN4088 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
DocID023072 Rev 3
39/71
AN4088
Peripheral migration
70
3.17
USB interface
The STM32F0 series embeds an enhanced USB peripheral versus the STM32F1 series.
New features are introduced to provide more capabilities to users.
The STM32F0 USB provides best-in-class added features:
Up to 1024 Bytes of dedicated packet buffer memory SRAM (last 256 Bytes are
exclusively shared with CAN peripheral)
Battery Charging Specification Revision 1.2 support
USB connect / disconnect capability (controllable embedded pull-up resistor on
USB_DP line)
USB 2.0 Link Power Management (LPM) support
Crystal-less capability with the HSI48 RC oscillator and the CRS, that can use the USB
SOF signal to adjust the frequency on-fly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71