| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4088 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 71 page ![]() Peripheral migration AN4088 32/71 DocID023072 Rev 3 User Option bytes STOP STOP STANDBY STANDBY WDG WDG NA RAM_PARITY_CHECK NA VDDA_MONITOR NA nBOOT1 NA nBOOT0 NA BOOT_SEL Erase granularity Page (1 or 2 Kbytes) Page (1 Kbytes or 2Kbytes) Program mode Half word (16 bit) Half word (16 bit) Same feature but spec change or enhancement New features 1. NA in gray table cells means Not Applicable. 2. New feature. 3. Same feature but with specification change or enhancement. Table 17. Flash differences between STM32F1 series and STM32F0 series(1) (continued) FLASH STM32F1 series STM32F0 series |