Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4088 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 9Page - STMicroelectronics AN4088 Datasheet HTML 10Page - STMicroelectronics AN4088 Datasheet HTML 11Page - STMicroelectronics AN4088 Datasheet HTML 12Page - STMicroelectronics AN4088 Datasheet HTML 13Page - STMicroelectronics AN4088 Datasheet HTML 14Page - STMicroelectronics AN4088 Datasheet HTML 15Page - STMicroelectronics AN4088 Datasheet HTML 16Page - STMicroelectronics AN4088 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
DocID023072 Rev 3
13/71
AN4088
Peripheral migration
70
CEC
APB1
0x40007800
APB1
0x40007800
DAC
0x40007400
0x40007400
PWR
0x40007000
0x40007000
CRS
0x40006C00
NA
NA
USB/CAN SRAM
0x40006000
APB1
0x40006000
USB
0x40005C00
0x40005C00
I2C2
0x40005800
0x40005800
I2C1
0x40005400
0x40005400
USART4
0x40004C00
0x40004C00
USART3
0x40004800
0x40004800
USART2
0x40004400
0x40004400
SPI2
0x40003800
0x40003800
IWDG
Own Clock
0x40003000
0x40003000
WWDG
APB1
0x40002C00
0x40002C00
RTC
APB1 (through
PWR)
0x40002800
(inc. BKP registers)
TIM14
APB1
0x40002000
NA
NA
TIM7
0x40001400
APB1
0x40001400
TIM6
0x40001000
0x40001000
TIM3
0x40000400
0x40000400
TIM2
0x40000000
0x40000000
TIM4
NA
NA
APB1
0x40000800
FSMC Registers
NA
NA
AHB
0xA0000000
USB OTG FS
NA
NA
0x50000000
ETHERNET MAC
NA
NA
0x40028000
DMA2
NA
NA
0x40020400
SDIO
NA
NA
0x40018000
TIM11
NA
NA
APB2
0x40015400
TIM10
NA
NA
0x40015000
TIM9
NA
NA
0x40014C00
ADC2
NA
NA
0x40012800
ADC3
NA
NA
0x40013C00
TIM8
NA
NA
0x40013400
Table 8. IP bus mapping differences between STM32F0 and STM32F1 series(1) (continued)
Peripheral
STM32F0 series
STM32F1 series
Bus
Base address
Bus
Base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71