Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4088 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce AN4088
Description  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 48Page - STMicroelectronics AN4088 Datasheet HTML 49Page - STMicroelectronics AN4088 Datasheet HTML 50Page - STMicroelectronics AN4088 Datasheet HTML 51Page - STMicroelectronics AN4088 Datasheet HTML 52Page - STMicroelectronics AN4088 Datasheet HTML 53Page - STMicroelectronics AN4088 Datasheet HTML 54Page - STMicroelectronics AN4088 Datasheet HTML 55Page - STMicroelectronics AN4088 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
Firmware migration using the library
AN4088
52/71
DocID023072 Rev 3
/* Enable ADC1 */
ADC_Cmd(ADC1, ENABLE);
/* Wait the ADCEN falg */
while(!ADC_GetFlagStatus(ADC1, ADC_FLAG_ADEN));
/* ADC1 regular Software Start Conv */
ADC_StartOfConversion(ADC1);
...
4.9
DAC driver
The table below describes the difference between STM32F10x functions and the
STM32F0xx Library.
Table 24. STM32F10x and STM32F0xx DAC driver API correspondence
STM32F10x DAC driver API
STM32F0xx DAC driver API
void DAC_DeInit(void);
void DAC_DeInit(void);
void DAC_Init(uint32_t DAC_Channel,
DAC_InitTypeDef* DAC_InitStruct);
void DAC_Init(uint32_t DAC_Channel,
DAC_InitTypeDef* DAC_InitStruct);
void DAC_StructInit(DAC_InitTypeDef*
DAC_InitStruct);
void DAC_StructInit(DAC_InitTypeDef*
DAC_InitStruct);
void DAC_Cmd(uint32_t DAC_Channel,
FunctionalState NewState);
void DAC_Cmd(uint32_t DAC_Channel,
FunctionalState NewState);
void DAC_SoftwareTriggerCmd(uint32_t
DAC_Channel, FunctionalState NewState);
void DAC_SoftwareTriggerCmd(uint32_t
DAC_Channel, FunctionalState NewState);
NA
void
DAC_DualSoftwareTriggerCmd(FunctionalState
NewState);(**)
NA
void DAC_WaveGenerationCmd(uint32_t
DAC_Channel, uint32_t DAC_Wave,
FunctionalState NewState)(**)
void DAC_SetChannel1Data(uint32_t DAC_Align,
uint16_t Data);
void DAC_SetChannel1Data(uint32_t DAC_Align,
uint16_t Data);
void DAC_SetChannel2Data(uint32_t DAC_Align,
uint16_t Data);
void DAC_SetChannel2Data(uint32_t DAC_Align,
uint16_t Data);(**)
void DAC_SetDualChannelData(uint32_t
DAC_Align, uint16_t Data2, uint16_t Data1);
void DAC_SetDualChannelData(uint32_t
DAC_Align, uint16_t Data2, uint16_t Data1);(**)
uint16_t DAC_GetDataOutputValue(uint32_t
DAC_Channel);
uint16_t DAC_GetDataOutputValue(uint32_t
DAC_Channel);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71