| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4088 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 71 page ![]() DocID023072 Rev 3 21/71 AN4088 Peripheral migration 70 TIM4 TIM4_UP TIM4_CH1 TIM4_CH2 TIM4_CH3 DMA1_Channel7 DMA1_Channel1 DMA1_Channel4 DMA1_Channel5 NA TIM5 TIM5_UP TIM5_CH1 TIM5_CH2 TIM5_CH3 TIM5_CH4 TIM5_TRIG DMA2_Channel2 DMA2_Channel5 DMA2_Channel4 DMA2_Channel2 DMA2_Channel1 DMA2_Channel1 NA TIM6 TIM6_UP DMA2_Channel3 / DMA1_Channel3(*) DMA1_Channel3 / DMA2_Channel3 TIM7 TIM7_UP DMA2_Channe4 / DMA1_Channel4 (*) DMA1_Channel4 / DMA2_Channel4 TIM15 TIM15_UP TIM15_CH1 TIM15_TRIG TIM15_COM DMA1_Channel5 DMA1_Channel5 DMA1_Channel5 DMA1_Channel5 DMA1_Channel5 DMA1_Channel5 DMA1_Channel5 DMA1_Channel5 TIM16 TIM16_UP TIM16_CH1 DMA1_Channel6 DMA1_Channel6 DMA1_Channel3 / DMA1_Channel4 / DMA1_Channel6 DMA1_Channel3 / DMA1_Channel4 / DMA1_Channel6 TIM17 TIM17_UP TIM17_CH1 DMA1_Channel7 DMA1_Channel7 DMA1_Channel1 / DMA1_Channel2 / DMA1_Channel7 DMA1_Channel1 / DMA1_Channel2 / DMA1_Channel7 1. NA in table cells with gray shading means Not Applicable. Table 12. DMA request differences between STM32F1 series and STM32F09x family(1) (continued) Peripheral DMA request STM32F1 series STM32 F09x family Table 13. DMA request differences between STM32F1 series and STM32F07x family(1) Peripheral DMA request STM32F1 series STM32 F07x family ADC1 / ADC ADC1 / ADC DMA1_Channel1 DMA_Channel1 / DMA_Channel2 ADC3 ADC3 DMA2_Channel5 NA DAC DAC_Channel1 / DAC DAC_Channel2 DMA2_Channel3 / DMA1_Channel3(*) DMA2_Channel4 / DMA1_Channel4(*) DMA_Channel3 |