Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3433 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 23Page - STMicroelectronics AN3433 Datasheet HTML 24Page - STMicroelectronics AN3433 Datasheet HTML 25Page - STMicroelectronics AN3433 Datasheet HTML 26Page - STMicroelectronics AN3433 Datasheet HTML 27Page - STMicroelectronics AN3433 Datasheet HTML 28Page - STMicroelectronics AN3433 Datasheet HTML 29Page - STMicroelectronics AN3433 Datasheet HTML 30Page - STMicroelectronics AN3433 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
AN3433
Tag Detection Calibration process
Doc ID 019046 Rev 2
27/34
During the calibration process, DacDataL is set to
0x00 and the reference level is
determined changing only the DacDataH parameter.
The reference level corresponds to the switching level between wakeup sources. It is
determined using the fast dichotomist process in 8 steps;
The Tag Detection Calibration command is formatted as follows:
TagCal (Ref_H) =
0x07 0E 03 A1 00 F8 01 18 00 20 60 60 00 Ref_H 3F 01
All the parameters are predefined to fit applicative requests in terms of wakeup sources and
power consumption. A compromise must be established between the detection period and
power consumption.
TagDet (64,74, or DacDataL and DacDataH, respectively) is defined using the command:
>>> 0x07 0E 0B 21 00 79 01 18 00 20 60 60 64 74 3F 00
B.2
Tag Detection calibration command
The Tag Detection Calibration command (TagCal) is a special setting of the Tag Detection
command (TagDet) for which the only variable is Ref_H.
>>> 0x07 0E 03 A1 00 F8 01 18 00 01 60 60 00 XX 3F 00
<<< 0x00 01 01 (in the event of a timeout)
or
<<< 0x00 01 02 (in the event of a tag detection in the RF field)
Here, the third byte (the
WakeUp_n variable) defines the Wakeup event.
It is also possible to directly use the Wakeup Flag command:
0x08 03 62 01 00
Read Wakeup Flag reply:
–
In case of timeout:
0x00 01 01 (WakeUp_n = 0x01)
–
In case of Tag Detection:
0x00 01 02 (WakeUp_n = 0x02)
In Figure 11, the function TagCal (
0xRef_n) corresponds to the execution of the following
device Idle command:
>>> 0x07 0E 03 A1 00 F8 01 18 00 20 60 60 00 0xRef_n 3F 01
<<< 0x00 01 01 (in the event of a timeout)
or
<<< 0x00 01 02 (in the event of a tag detection in the RF field)
Here, the third byte (the
WakeUp_n variable) defines the Wakeup event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34