Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3433 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 13Page - STMicroelectronics AN3433 Datasheet HTML 14Page - STMicroelectronics AN3433 Datasheet HTML 15Page - STMicroelectronics AN3433 Datasheet HTML 16Page - STMicroelectronics AN3433 Datasheet HTML 17Page - STMicroelectronics AN3433 Datasheet HTML 18Page - STMicroelectronics AN3433 Datasheet HTML 19Page - STMicroelectronics AN3433 Datasheet HTML 20Page - STMicroelectronics AN3433 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
AN3433
Power consumption considerations
Doc ID 019046 Rev 2
17/34
Figure 2.
Transition from Ready to Hibernate state
1.
In the above figure, yellow represents the 27.12-MHz (HFO) oscillator and the SPI_SCK signal is in green.
Figure 3 shows the device waking up from Hibernate state when pin IRQ_IN (green) goes
low. When the device returns to Ready state, the HF oscillator (yellow) restarts analog
resources.
Figure 3.
Wakeup from Hibernate state
0x07 0E 08 04 00 04 00 18 00 00 00 00 00 00 00 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34