| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3433 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3433 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 34 page ![]() Power consumption considerations AN3433 20/34 Doc ID 019046 Rev 2 The duration of the RF burst (tSWING) is defined by SwingsCnt, the number of 13.56-MHz pulses emitted. This value must be adjusted initially in the application environment to obtain the best measurement stability. tSWING = Swing * tHFO = 64 * 73 ns = 4.5 µs Increasing the SwingsCnt value improves DAC accuracy, but also increases the power consumption of the RF drivers (pin VPS_TX). When using the CR95HF or STRFNFCA demoboard, we recommend a SwingsCnt value of 0x3F. This value corresponds to 64 RF pulses per burst (in blue) for a duration of 4.7 µs as shown in Figure 6. This results in a mean power consumption of 100 µA. Figure 6. RF burst in Tag Detection mode 1. In the above figure, yellow represents the 27.12-MHz (HFO) oscillator and the RF emission is in green. |