Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3433 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 20Page - STMicroelectronics AN3433 Datasheet HTML 21Page - STMicroelectronics AN3433 Datasheet HTML 22Page - STMicroelectronics AN3433 Datasheet HTML 23Page - STMicroelectronics AN3433 Datasheet HTML 24Page - STMicroelectronics AN3433 Datasheet HTML 25Page - STMicroelectronics AN3433 Datasheet HTML 26Page - STMicroelectronics AN3433 Datasheet HTML 27Page - STMicroelectronics AN3433 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Tag detection principle
AN3433
24/34
Doc ID 019046 Rev 2
Figure 9 illustrates a time-limited tag detection sequence where no tag is present in the
operating volume, none is detected and the device wakes up after a timeout. (The lower part
of the figure illustrates the power consumption profile.)
A basic Idle command used for a time-limited tag detection sequence is:
>>> 0x 07 0E 0B 21 00 79 01 18 00 20 60 60 54 64 3F 08
Figure 9.
Time-limited tag detection sequence (display of device consumption)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34