Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3433 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 21Page - STMicroelectronics AN3433 Datasheet HTML 22Page - STMicroelectronics AN3433 Datasheet HTML 23Page - STMicroelectronics AN3433 Datasheet HTML 24Page - STMicroelectronics AN3433 Datasheet HTML 25Page - STMicroelectronics AN3433 Datasheet HTML 26Page - STMicroelectronics AN3433 Datasheet HTML 27Page - STMicroelectronics AN3433 Datasheet HTML 28Page - STMicroelectronics AN3433 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
AN3433
Tag detection principle
Doc ID 019046 Rev 2
25/34
Figure 10 illustrates an unlimited tag detection sequence interrupted by a tag entering the
device operating volume. (The lower part of the figure illustrates the power consumption
profile during tag detection and after the device automatically returns to Ready state.)
A basic Idle command used for an unlimited tag detection sequence is:
>>> 0x 07 0E 0A 21 00 79 01 18 00 20 60 60 54 64 3F 08
Figure 10.
Tag detection sequence, Wakeup after tag entry in operating volume
(display of device consumption)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34