Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3422 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 44Page - STMicroelectronics AN3422 Datasheet HTML 45Page - STMicroelectronics AN3422 Datasheet HTML 46Page - STMicroelectronics AN3422 Datasheet HTML 47Page - STMicroelectronics AN3422 Datasheet HTML 48Page - STMicroelectronics AN3422 Datasheet HTML 49Page - STMicroelectronics AN3422 Datasheet HTML 50Page - STMicroelectronics AN3422 Datasheet HTML 51Page - STMicroelectronics AN3422 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
AN3422
Firmware migration using the library
Doc ID 018976 Rev 2
49/52
Table 16.
STM32F10x and STM32L1xx PWR driver API correspondence
STM32F10x PWR driver API
STM32L1xx PWR driver API
void PWR_DeInit(void);
void PWR_DeInit(void);
void
PWR_BackupAccessCmd(FunctionalSta
te NewState);
void PWR_RTCAccessCmd(FunctionalState NewState);
void PWR_PVDLevelConfig(uint32_t
PWR_PVDLevel);
void PWR_PVDLevelConfig(uint32_t PWR_PVDLevel);
void PWR_PVDCmd(FunctionalState
NewState);
void PWR_PVDCmd(FunctionalState NewState);
void
PWR_WakeUpPinCmd(FunctionalState
NewState);
void PWR_WakeUpPinCmd(uint32_t PWR_WakeUpPin,
FunctionalState NewState);
NA
void PWR_FastWakeUpCmd(FunctionalState NewState);
NA
void PWR_UltraLowPowerCmd(FunctionalState NewState);
NA
void PWR_VoltageScalingConfig(uint32_t
PWR_VoltageScaling);
NA
void PWR_EnterLowPowerRunMode(FunctionalState
NewState);
NA
void PWR_EnterSleepMode(uint32_t PWR_Regulator,
uint8_t PWR_SLEEPEntry);
void PWR_EnterSTOPMode(uint32_t
PWR_Regulator, uint8_t
PWR_STOPEntry);
void PWR_EnterSTOPMode(uint32_t PWR_Regulator,
uint8_t PWR_STOPEntry);
void PWR_EnterSTANDBYMode(void);
void PWR_EnterSTANDBYMode(void);
FlagStatus
PWR_GetFlagStatus(uint32_t
PWR_FLAG);
FlagStatus PWR_GetFlagStatus(uint32_t PWR_FLAG);
void PWR_ClearFlag(uint32_t
PWR_FLAG);
void PWR_ClearFlag(uint32_t PWR_FLAG);
Color key:
= New function
= Same function, but API was changed
= Function not available (NA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52