| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3422 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3422 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 52 page ![]() Firmware migration using the library AN3422 42/52 Doc ID 018976 Rev 2 NA void FLASH_OB_Unlock(void); NA void FLASH_OB_Lock(void); FLASH_Status FLASH_ProgramOptionByteData(uint32 _t Address, uint8_t Data); NA FLASH_Status FLASH_EnableWriteProtection(uint32_t FLASH_Pages); FLASH_Status FLASH_OB_WRPConfig(uint32_t OB_WRP, FunctionalState NewState); FLASH_Status FLASH_ReadOutProtection(FunctionalS tate NewState); FLASH_Status FLASH_OB_RDPConfig(uint8_t OB_RDP); FLASH_Status FLASH_UserOptionByteConfig(uint16_t OB_IWDG, uint16_t OB_STOP, uint16_t OB_STDBY); FLASH_Status FLASH_OB_UserConfig(uint8_t OB_IWDG, uint8_t OB_STOP, uint8_t OB_STDBY); NA FLASH_Status FLASH_OB_BORConfig(uint8_t OB_BOR); NA FLASH_Status FLASH_OB_BootConfig(uint8_t OB_BOOT); NA FLASH_Status FLASH_OB_Launch(void); uint32_t FLASH_GetUserOptionByte(void); uint8_t FLASH_OB_GetUser(void); uint32_t FLASH_GetWriteProtectionOptionByte(v oid); uint16_t FLASH_OB_GetWRP(void); FlagStatus FLASH_GetReadOutProtectionStatus(v oid); FlagStatus FLASH_OB_GetRDP(void); NA FLASH_Status FLASH_OB_WRP1Config(uint32_t OB_WRP1, FunctionalState NewState); NA FLASH_Status FLASH_OB_WRP2Config(uint32_t OB_WRP2, FunctionalState NewState); NA uint16_t FLASH_OB_GetWRP1(void); NA uint16_t FLASH_OB_GetWRP2(void); NA uint8_t FLASH_OB_GetBOR(void); Table 15. STM32F10x and STM32L1xx FLASH driver API correspondence (continued) STM32F10x Flash driver API STM32L1xx Flash driver API |