Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3422 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 21Page - STMicroelectronics AN3422 Datasheet HTML 22Page - STMicroelectronics AN3422 Datasheet HTML 23Page - STMicroelectronics AN3422 Datasheet HTML 24Page - STMicroelectronics AN3422 Datasheet HTML 25Page - STMicroelectronics AN3422 Datasheet HTML 26Page - STMicroelectronics AN3422 Datasheet HTML 27Page - STMicroelectronics AN3422 Datasheet HTML 28Page - STMicroelectronics AN3422 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
AN3422
Peripheral migration
Doc ID 018976 Rev 2
25/52
I2C2
I2C2_Rx
I2C2_Tx
DMA1_Channel5
DMA1_Channel4
DMA1_Channel5
DMA1_Channel4
SDIO
SDIO
DMA2_Channel4
DMA2_Channel4
TIM1
TIM1_UP
TIM1_CH1
TIM1_CH2
TIM1_CH3
TIM1_CH4
TIM1_TRIG
TIM1_COM
DMA1_Channel5
DMA1_Channel2
DMA1_Channel3
DMA1_Channel6
DMA1_Channel4
DMA1_Channel4
DMA1_Channel4
NA
TIM8
TIM8_UP
TIM8_CH1
TIM8_CH2
TIM8_CH3
TIM8_CH4
TIM8_TRIG
TIM8_COM
DMA2_Channel1
DMA2_Channel3
DMA2_Channel5
DMA2_Channel1
DMA2_Channel2
DMA2_Channel2
DMA2_Channel2
NA
TIM2
TIM2_UP
TIM2_CH1
TIM2_CH2
TIM2_CH3
TIM2_CH4
DMA1_Channel2
DMA1_Channel5
DMA1_Channel7
DMA1_Channel1
DMA1_Channel7
DMA1_Channel2
DMA1_Channel5
DMA1_Channel7
DMA1_Channel1
DMA1_Channel7
TIM3
TIM3_UP
TIM3_CH1
TIM3_TRIG
TIM3_CH3
TIM3_CH4
DMA1_Channel3
DMA1_Channel6
DMA1_Channel6
DMA1_Channel2
DMA1_Channel3
DMA1_Channel3
DMA1_Channel6
DMA1_Channel6
DMA1_Channel2
DMA1_Channel3
TIM4
TIM4_UP
TIM4_CH1
TIM4_CH2
TIM4_CH3
DMA1_Channel7
DMA1_Channel1
DMA1_Channel4
DMA1_Channel5
DMA1_Channel7
DMA1_Channel1
DMA1_Channel4
DMA1_Channel5
TIM5
TIM5_UP
TIM5_CH1
TIM5_CH2
TIM5_CH3
TIM5_CH4
TIM5_TRIG
TIM5_COM
DMA2_Channel2
DMA2_Channel5
DMA2_Channel4
DMA2_Channel2
DMA2_Channel1
DMA2_Channel1
NA
DMA2_Channel2
DMA2_Channel5
DMA2_Channel4
DMA2_Channel2
DMA2_Channel1
DMA2_Channel1
DMA2_Channel1
TIM6
TIM6_UP
DMA2_Channel3 / DMA1_Channel3(1) DMA1_Channel2
TIM7
TIM7_UP
DMA2_Channe4 / DMA1_Channel4 (1) DMA1_Channel3
Table 9.
DMA request differences between STM32F1 series and STM32L1 series (continued)
Peripheral
DMA request
STM32F1 series
STM32L1 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52