Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3422 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 23Page - STMicroelectronics AN3422 Datasheet HTML 24Page - STMicroelectronics AN3422 Datasheet HTML 25Page - STMicroelectronics AN3422 Datasheet HTML 26Page - STMicroelectronics AN3422 Datasheet HTML 27Page - STMicroelectronics AN3422 Datasheet HTML 28Page - STMicroelectronics AN3422 Datasheet HTML 29Page - STMicroelectronics AN3422 Datasheet HTML 30Page - STMicroelectronics AN3422 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
AN3422
Peripheral migration
Doc ID 018976 Rev 2
27/52
14
DMA1_Channel4
DMA1_Channel4
15
DMA1_Channel5
DMA1_Channel5
16
DMA1_Channel6
DMA1_Channel6
17
DMA1_Channel7
DMA1_Channel7
18
ADC1_2
ADC1
19
CAN1_TX / USB_HP_CAN_TX ((1)
USB_HP
20
CAN1_RX0 / USB_LP_CAN_RX0 (1)
USB_LP
21
CAN1_RX1
DAC
22
CAN1_SCE
COMP
23
EXTI9_5
EXTI9_5
24
TIM1_BRK / TIM1_BRK _TIM9 (1)
TIM9
25
TIM1_UP / TIM1_UP_TIM10 (1)
TIM10
26
TIM1_TRG_COM /
TIM1_TRG_COM_TIM11 (1)
TIM11
27
TIM1_CC
LCD
28
TIM2
TIM2
29
TIM3
TIM3
30
TIM4
TIM4
31
I2C1_EV
I2C1_EV
32
I2C1_ER
I2C1_ER
33
I2C2_EV
I2C2_EV
34
I2C2_ER
I2C2_ER
35
SPI1
SPI1
36
SPI2
SPI2
37
USART1
USART1
38
USART2
USART2
39
USART3
USART3
40
EXTI15_10
EXTI15_10
41
RTC_Alarm
RTC_Alarm
42
OTG_FS_WKUP / USBWakeUp
USB_FS_WKUP
43
TIM8_BRK / TIM8_BRK_TIM12 (1)
TIM6
44
TIM8_UP / TIM8_UP_TIM13 (1)
TIM7
45
TIM8_TRG_COM /
TIM8_TRG_COM_TIM14 (1)
SDIO
46
TIM8_CC
TIM5
Table 10.
Interrupt vector differences between STM32F1 series and STM32L1 series
(continued)
Position
STM32F1 series
STM32L1 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52