| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3422 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3422 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 52 page ![]() AN3422 Firmware migration using the library Doc ID 018976 Rev 2 41/52 void FLASH_Unlock(void); void FLASH_Unlock(void); void FLASH_Lock(void); void FLASH_Lock(void); FLASH_Status FLASH_ErasePage(uint32_t Page_Address); FLASH_Status FLASH_ErasePage(uint32_t Page_Address); FLASH_Status FLASH_EraseAllPages(void); NA FLASH_Status FLASH_EraseOptionBytes(void); NA FLASH_Status FLASH_ProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_FastProgramWord(uint32_t Address, uint32_t Data); FLASH_Status FLASH_ProgramHalfWord(uint32_t Address, uint16_t Data); NA NA FLASH_Status FLASH_ProgramHalfPage(uint32_t Address, uint32_t* pBuffer); NA FLASH_Status FLASH_ProgramParallelHalfPage(uint32_t Address1, uint32_t* pBuffer1, uint32_t Address2, uint32_t* pBuffer2); NA FLASH_Status FLASH_EraseParallelPage(uint32_t Page_Address1, uint32_t Page_Address2); Table 15. STM32F10x and STM32L1xx FLASH driver API correspondence (continued) STM32F10x Flash driver API STM32L1xx Flash driver API |