Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3408 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 28Page - STMicroelectronics AN3408 Datasheet HTML 29Page - STMicroelectronics AN3408 Datasheet HTML 30Page - STMicroelectronics AN3408 Datasheet HTML 31Page - STMicroelectronics AN3408 Datasheet HTML 32Page - STMicroelectronics AN3408 Datasheet HTML 33Page - STMicroelectronics AN3408 Datasheet HTML 34Page - STMicroelectronics AN3408 Datasheet HTML 35Page - STMicroelectronics AN3408 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
User application flow charts
AN3408
32/38
DocID018867 Rev 4
5.3
WRITING an NDEF message in an ISO/IEC 15693 contactless
tag
This sequence defines a user algorithm to write an NDEF message into a contactless tag
memory.
Figure 3. Writing an NDEF message into a contactless tag memory
5.4
Identifying a blank card ISO/IEC 15693 contactless tag
This procedure identifies an ISO/IEC 15693 STMicroelectronics product and obtains
information on its memory layout. This information is extracted from the contactless tag
response to a GetSystemInformation command.
START
Write NDEF field to 0
Write NDEF message
Write NDEF field according to the length of the NDEF message
END
MS30702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38