| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3408 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3408 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 38 page ![]() DocID018867 Rev 4 29/38 AN3408 Example of NDEF record Table 45 below details the record header 0xD2. For more details about the record header meaning, refer to a): Record head byte. 4.5.3 Memory mapping of an M24LR64E-R EEPROM Table 45. Record header = 0xD2 MB ME CF SR IL TNF 11011 0b010 This is the first record This is the last record This record is the terminating record chunk The payload length is on one byte ID length field is omitted Indicates the structure of the type field (see Table 15) Table 46. Memory mapping of an M24LR64E-R EEPROM RF block 0 1 2 3 0x00 CC field 0xE1 0x40 0xFF 0x03 0x01 User data field 0x03 0x3B 0xD2 0x20 0x02 0x21 0x61 0x70 0x70 0x03 0x6C 0x69 0x63 0x61 0x04 0x74 0x69 0x6F 0x6E 0x05 0x2F 0x76 0x6E 0x64 0x06 0x2E 0x62 0x6C 0x75 0x07 0x65 0x74 0x68 0x2E 0x08 0x65 0x70 0x21 0x00 0x09 0x03 0x80 0x88 0xBF 0x0A 0x01 0x0d 0x09 0x48 0x0B 0x65 0x61 0x64 0x53 0x0C 0x65 0x74 0x20 0x4E 0x0D 0x61 0x6D 0x65 0x04 0x0E 0x0D 0x04 0x04 0x20 0x0F 0x05 0x03 0x1E 0x11 0x10 0x0B 0x11 0xFE |