| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3408 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3408 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 38 page ![]() DocID018867 Rev 4 21/38 AN3408 Example of NDEF record Table 30 below details the record header of the smart poster record. Table 31 below details the URI record. Table 32 below details the text record. Table 30. Record header = 0xD1 MB ME CF SR IL TNF 1 1 010 0b001 This is the first record This is the last record This record is the terminating record chunk The payload length is on one byte ID length field is omitted Indicates the structure of the type field (see Table 15) Table 31. URI record 0x91 0x01 0x07 0x55 0x01 0x73 74 2e 63 6F 6D Record header Record type length Payload length Record type 'U' Abbreviation: "http://www." URI: st.com Table 32. Text record 0x51 0x01 0x10 0x54 0x02 0x656E (1) Record header Record type length Payload length Record type 'T' Language "en" Carrier data reference length Text "Welcome to ST" 1. (1)57 65 6C 63 6F 6D 65 20 74 6F 20 53 54 |