Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3408 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 27Page - STMicroelectronics AN3408 Datasheet HTML 28Page - STMicroelectronics AN3408 Datasheet HTML 29Page - STMicroelectronics AN3408 Datasheet HTML 30Page - STMicroelectronics AN3408 Datasheet HTML 31Page - STMicroelectronics AN3408 Datasheet HTML 32Page - STMicroelectronics AN3408 Datasheet HTML 33Page - STMicroelectronics AN3408 Datasheet HTML 34Page - STMicroelectronics AN3408 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
DocID018867 Rev 4
31/38
AN3408
User application flow charts
5.2
Reading an NDEF message in an ISO/IEC 15693 contactless
tag
This sequence defines a user algorithm to detect an NDEF message writing into a
contactless tag memory.
Figure 2. NDEF message detection procedure
Start
Read CC (block 0)
CC byte0 = 0xE1 &
CC byte1 = right version
No
Yes : NDEF data detected
AI18890
Read Block i
Is an NDEF message
(byte 0 = 0x03) ?
No
Yes
End
Block i = Block i + 1
Block i = block 2
All blocks already read
according to NDEF length?
Yes
No
Read Block 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38