Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3408 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3408
Description  The NFC technology allows accessing standard
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3408 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3408 Datasheet HTML 9Page - STMicroelectronics AN3408 Datasheet HTML 10Page - STMicroelectronics AN3408 Datasheet HTML 11Page - STMicroelectronics AN3408 Datasheet HTML 12Page - STMicroelectronics AN3408 Datasheet HTML 13Page - STMicroelectronics AN3408 Datasheet HTML 14Page - STMicroelectronics AN3408 Datasheet HTML 15Page - STMicroelectronics AN3408 Datasheet HTML 16Page - STMicroelectronics AN3408 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DocID018867 Rev 4
13/38
AN3408
NDEF data
Example 1
This record head defines an NDEF message which is composed of one record
(MB = ME = 1).
For more information about the record head byte, refer to the NDEF data exchange format
(NDEF) document.
Table 15. Type name format field values
Type name format
Value
Empty
0b000
NFC forum well known type
0b001
Media type as defined in RFC 2046
0b010
Absolute URI as defined in RFC 3986
0b011
NFC forum external type
0b100
Unknown
0b101
Unchanged
0b110
Reserved
0b111
Table 16. Example of a record head byte structure
Record head
byte
MB
ME
CF
SR
IL
TNF
0x
D1
110
1
0
001
Type record
head byte
This is the first record
This is the last record
This record is the termination chunk
The payload length size in on one byte
The ID length is omitted
NFC forum well known type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38