| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3342 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3342 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 39 page ![]() AN3342 Setting up the STM8 development environment Doc ID 18461 Rev 3 33/39 STM8TL53 Touch keypad Evaluation board and STMT-BOX™ Display board If the evaluation board is directly connected to the STMT-BOX™ Display board, the kit is only powered through the USB connector of the STMT-BOX™ Display board and the ST- Link debug tool must be selected. The figure below shows the STM8TL53 Touch keypad with the STMT-BOX™ Display board. Figure 20. STM8TL53 Touch keypad Evaluation board and STMT-BOX™ Display board |