| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3342 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3342 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 39 page ![]() Setting up the STM8 development environment AN3342 32/39 Doc ID 18461 Rev 3 11.3.3 Connecting the hardware STM8TL53 Touch keypad Evaluation board in standalone The debug tool, ST-Link or Rlink, must be connected to the USB connector of the PC. The SWIM connector for STM8 of the ST-Link or Rlink must be connected to the 4-pin SWIM connector of the STM8TL53 Touch keypad evaluation board. This board must also be powered through its USB connector. The figure below shows the STM8TL53 Touch keypad in standalone. Figure 19. STM8TL53 Touch keypad in standalone |