Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3342 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 9Page - STMicroelectronics AN3342 Datasheet HTML 10Page - STMicroelectronics AN3342 Datasheet HTML 11Page - STMicroelectronics AN3342 Datasheet HTML 12Page - STMicroelectronics AN3342 Datasheet HTML 13Page - STMicroelectronics AN3342 Datasheet HTML 14Page - STMicroelectronics AN3342 Datasheet HTML 15Page - STMicroelectronics AN3342 Datasheet HTML 16Page - STMicroelectronics AN3342 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AN3342
ProxSense line management
Doc ID 18461 Rev 3
13/39
5
ProxSense line management
5.1
ProxSense line management overview
Since the STM8TL5xxx provides a ProxSense interface, it is mainly used to perform
capacitance variation acquisition.
The principle of this interface is to transfer a charge from a capacitance (the electrode CX) to
another one (the sample CS, inside the MCU) by driving the PXS_TX and activating some
switches. This allows detection of proximity as well as touch by monitoring on PXS_RX.
The many features of the ProxSense interface include:
●
10 independent receiver channels, allowing 10 measurements to be performed in
parallel
●
Each of the 10 receiver channels can be associated with two different pins, effectively
allowing an application to have up to 20 receiver channels.
●
Each receiver channel can be independently configured to perform projected
capacitance measurements.
●
The size of each CS capacitor can be independently configured with 5 bits of resolution.
Figure 6 shows a simplified functional schematic of the ProxSense interface.
Figure 6.
ProxSense management
1.
The receiver and transmit numbers are application dependent.
MS18955V1
PXS_RX
PXS_TX
Touch key
1K
1K
(1)
(1)
1K
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39