Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3342 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 27Page - STMicroelectronics AN3342 Datasheet HTML 28Page - STMicroelectronics AN3342 Datasheet HTML 29Page - STMicroelectronics AN3342 Datasheet HTML 30Page - STMicroelectronics AN3342 Datasheet HTML 31Page - STMicroelectronics AN3342 Datasheet HTML 32Page - STMicroelectronics AN3342 Datasheet HTML 33Page - STMicroelectronics AN3342 Datasheet HTML 34Page - STMicroelectronics AN3342 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AN3342
Setting up the STM8 development environment
Doc ID 18461 Rev 3
31/39
11.3.2
Selecting the correct debug instrument
STM8TL53 Touch keypad evaluation board in standalone
In the example below, the ST-Link tool is used for communicating via the SWIM interface
with the on-board debug module of the STM8.
The ST-Link tool can be selected from the ‘Debug Instrument Selection’ list in the ‘Debug
Instrument Settings’ dialog (see Figure 18).
Figure 18.
STVD: Selecting the debug instrument
Note:
The Rlink can also be used for communicating via the SWIM interface.
STM8TL53 Touch keypad evaluation board with the STMT-BOX™ Display
board
The Display board embeds a built-in ST-Link V2 debug tool. If the evaluation board is
connected directly or through an isolation board to the Display board, the SWIM ST-Link
debug tool must be selected in the ‘Debug Instrument Settings’ window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39