| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3342 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3342 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 39 page ![]() Setting up the STM8 development environment AN3342 30/39 Doc ID 18461 Rev 3 11.3 Running the demonstration software ● Choose STM8TL53 STMT-BOX™ Touch keypad firmware ● Open the desired project workspace within the chosen demonstration firmware package. To run the demonstration software on the STM8TL53 Touch keypad evaluation board, the project has to be compiled and the correct HW tool must be selected before the debug session can be started. 11.3.1 Compiling the project The project can be compiled using the ‘Build’ function in the ‘Build’ menu (see Figure 17). Figure 17. STVD: Building the project |