| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3181 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3181 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 31 page ![]() AN3181 Package variation overview Doc ID 17286 Rev 2 5/31 1 Package variation overview Available configurations of STM8S/A package support the following devices in the families: ● STM8S high-density Performance line devices with 32-128 Kbytes Flash memory (like STM8S20x) ● STM8S medium- and low-density Access line devices with 4-32 Kbytes Flash memory (like STM8S105x, STM8S103x) ● STM8S high-, medium- and low-density Value Line devices with 4-64 Kbytes Flash memory (like STM8S007x, STM8S005x, STM8S003x) ● STM8S low-density Application specific devices with 8 Kbytes Flash memory (like STM8S903x) ● STM8A high-density CAN line devices with 32-128 Kbytes Flash memory (like STM8AF5xxx) ● STM8A high and medium density Standard line devices with 8-128 Kbytes Flash memory (like (STM8AF6xxx) Available configurations of medium-density STM8L/AL package support the following devices in the ultra-low power families: ● STM8L medium density standard devices with 4-64 Kbytes Flash memory (like STM8L15xx) ● STM8L medium-density Value Line devices with 4-64 Kbytes Flash memory (like STM8L05xx) ● STM8AL medium-density devices with up to 32 Kbytes Flash memory (like STM8AL31xx, STM8AL3Lxx) Available configurations of low-density STM8L/AL/TL package support the following devices in the ultra-low power families: ● STM8L low density standard devices with up to 8 Kbytes Flash memory (like STM8L10xx) ● STM8AL low density devices with up to 8 Kbytes Flash memory (like STM8AL30xx) ● STM8TL low density devices with up to 16 Kbytes Flash memory and touch sensing interface (like STM8TL53xxx) All these firmware packages are available for free download from the ST web. Three projects have been prepared and tested for each package under following environment and toolchains: 1. IAR Embedded Workbench® for STM8 IDE (EWSTM8™) with IAR C-Compiler™ version 1.30 2. ST Visual Develop (STVD) version 4.3.0 with Cosmic STM8 C-compiler 32 K version 4.3.6 3. ST Visual Develop (STVD) version 4.3.0 with Raisonance STM8/ST7 C-compiler version 2.38 |