Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3181 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 23Page - STMicroelectronics AN3181 Datasheet HTML 24Page - STMicroelectronics AN3181 Datasheet HTML 25Page - STMicroelectronics AN3181 Datasheet HTML 26Page - STMicroelectronics AN3181 Datasheet HTML 27Page - STMicroelectronics AN3181 Datasheet HTML 28Page - STMicroelectronics AN3181 Datasheet HTML 29Page - STMicroelectronics AN3181 Datasheet HTML 30Page - STMicroelectronics AN3181 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Class B solution structure
AN3181
28/31
Doc ID 17286 Rev 2
Figure 19.
Fault coupling principle used at partial RAM run mode self test
Table 4.
March C- phases at RAM partial test
March phase
Partial bytes test over the block
Address order
Initial
Write 0x00 pattern
Increasing
1
Test 0x00 pattern, write 0xFF pattern
Increasing
2(1)
1.
Steps 2 and 3 are skipped over when March X algorithm is used.
Test 0xFF pattern, write 0x00 pattern
Increasing
3(1)
Test 0x00 pattern, write 0xFF pattern
Decreasing
4
Test 0xFF pattern, write 0x00 pattern
Decreasing
5
Test 0x00 pattern
Decreasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31