Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3181 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 17Page - STMicroelectronics AN3181 Datasheet HTML 18Page - STMicroelectronics AN3181 Datasheet HTML 19Page - STMicroelectronics AN3181 Datasheet HTML 20Page - STMicroelectronics AN3181 Datasheet HTML 21Page - STMicroelectronics AN3181 Datasheet HTML 22Page - STMicroelectronics AN3181 Datasheet HTML 23Page - STMicroelectronics AN3181 Datasheet HTML 24Page - STMicroelectronics AN3181 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN3181
Class B solution structure
Doc ID 17286 Rev 2
21/31
Figure 9.
RAM startup self test structure
4.2.5
Clock startup self test
When the test begins, first the low speed internal clock (LSI) source is started, then the high
speed external source (HSE). The CPU is running on the high speed internal source (HSI).
HSI is switched onto a dedicated timer input, mainly TIM3, but TIM1 or TIM2 can also be
used on some devices. The timer is gated by the LSI source. The number of gated ticks is
compared and if it falls outside of the predefined interval (more than +/- 25% from nominal
value) an HSI fail is signaled and FailSafe() routine is called. CPU clock continues with HSI,
default source. If there is no error, the test continues with the next step and HSE is checked.
HSE is switched on as the new CPU clock source and input into the dedicated timer. The
same measurement and check of gated ticks are repeated but with HSE feeding the timer. If
the measure falls out of the interval, CPU clock is immediately turned back to HSI and HSE
fail is signaled with a FailSafe() routine being called. Otherwise, the test returns OK. CPU
clock is switched back to default HSI source after the test is finished. All the parts of this test
are under conditional compilation control, so the user can skip over some test e.g. HSE test
when no external oscillator is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31