Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3181 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 15Page - STMicroelectronics AN3181 Datasheet HTML 16Page - STMicroelectronics AN3181 Datasheet HTML 17Page - STMicroelectronics AN3181 Datasheet HTML 18Page - STMicroelectronics AN3181 Datasheet HTML 19Page - STMicroelectronics AN3181 Datasheet HTML 20Page - STMicroelectronics AN3181 Datasheet HTML 21Page - STMicroelectronics AN3181 Datasheet HTML 22Page - STMicroelectronics AN3181 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN3181
Class B solution structure
Doc ID 17286 Rev 2
19/31
Figure 6.
Watchdogs startup self test structure
4.2.2
CPU startup self test
Core flags, registers and stack pointer are tested for functionality. In case of any error,
FailSafe() routine is called.
Figure 7.
CPU startup self test structure
4.2.3
Flash complete checksum self test
The CRC checksum computation is performed over the entire Flash memory space
announced by linker checksum structure. The resulting computation is compared with the
linker result. FailSafe() routine is called if there is an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31