Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3181 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN3181
Description  Guidelines for obtaining IEC 60335 Class B certification in an STM8 application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3181 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN3181 Datasheet HTML 12Page - STMicroelectronics AN3181 Datasheet HTML 13Page - STMicroelectronics AN3181 Datasheet HTML 14Page - STMicroelectronics AN3181 Datasheet HTML 15Page - STMicroelectronics AN3181 Datasheet HTML 16Page - STMicroelectronics AN3181 Datasheet HTML 17Page - STMicroelectronics AN3181 Datasheet HTML 18Page - STMicroelectronics AN3181 Datasheet HTML 19Page - STMicroelectronics AN3181 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Class B software package
AN3181
16/31
Doc ID 17286 Rev 2
3.3.3
Debugging the package
While debugging the package, it is useful to disable:
●
Reset in FailSafe() routine by servicing independent WDG,
●
All program memory CRC checksum tests when using breaks in the code to prevent
program memory checksum error occurrence
●
Window WDG to prevent improper service out of the time slot window dedicated to
refresh(a).
●
Control flow monitoring (mostly done automatically by changing values of constants
when some tests are omitted)
At the debugging phase it may be useful to enable:
●
Verbose Diagnostic mode to watch messages at UART terminal
●
LEDs toggling to see basic process flow
a.Window WDG feature is not available at STM8L10x devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31