Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3155 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN3155
Description  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 19Page - STMicroelectronics AN3155 Datasheet HTML 20Page - STMicroelectronics AN3155 Datasheet HTML 21Page - STMicroelectronics AN3155 Datasheet HTML 22Page - STMicroelectronics AN3155 Datasheet HTML 23Page - STMicroelectronics AN3155 Datasheet HTML 24Page - STMicroelectronics AN3155 Datasheet HTML 25Page - STMicroelectronics AN3155 Datasheet HTML 26Page - STMicroelectronics AN3155 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
DocID17066 Rev 6
23/37
AN3155
Bootloader command set
Figure 15. Erase Memory command: device side
1. ER = Erase Memory.
Note:
After sending the erase memory command and its checksum, if the host sends 0xFF
followed by data different from 0x00, the mass erase is not performed but an ACK is send
by the device.
The host sends bytes to the STM32 as follows:
Byte 1: 0x43
Byte 2: 0xBC
Wait for ACK
Byte 3: 0xFF or number of pages to be erased – 1 (0
≤ N ≤ maximum number of pages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37