Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3155 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3155
Description  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 7Page - STMicroelectronics AN3155 Datasheet HTML 8Page - STMicroelectronics AN3155 Datasheet HTML 9Page - STMicroelectronics AN3155 Datasheet HTML 10Page - STMicroelectronics AN3155 Datasheet HTML 11Page - STMicroelectronics AN3155 Datasheet HTML 12Page - STMicroelectronics AN3155 Datasheet HTML 13Page - STMicroelectronics AN3155 Datasheet HTML 14Page - STMicroelectronics AN3155 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DocID17066 Rev 6
11/37
AN3155
Bootloader command set
Figure 5. Get Version & Read Protection Status command: device side
1. GV = Get Version & Read Protection Status.
The STM32 sends the bytes as follows:
3.3
Get ID command
The Get ID command is used to get the version of the chip ID (identification). When the
bootloader receives the command, it transmits the product ID to the host.
The STM32 device sends the bytes as follows:
Byte 1:
ACK
Byte 2:
Bootloader version (0 < Version
≤ 255), example: 0x10 = Version 1.0
Byte 3:
Option byte 1: 0x00 to keep the compatibility with generic bootloader protocol
Byte 4:
Option byte 2: 0x00 to keep the compatibility with generic bootloader protocol
Byte 5:
ACK
Byte 1:
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37