Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3155 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3155
Description  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 10Page - STMicroelectronics AN3155 Datasheet HTML 11Page - STMicroelectronics AN3155 Datasheet HTML 12Page - STMicroelectronics AN3155 Datasheet HTML 13Page - STMicroelectronics AN3155 Datasheet HTML 14Page - STMicroelectronics AN3155 Datasheet HTML 15Page - STMicroelectronics AN3155 Datasheet HTML 16Page - STMicroelectronics AN3155 Datasheet HTML 17Page - STMicroelectronics AN3155 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Bootloader command set
AN3155
14/37
DocID17066 Rev 6
Figure 8. Read Memory command: host side
1. RM = Read Memory.
Note:
Some products may return two NACKs instead of one single NACK when Read Protection
(RDP) is active (or Read Potection level 1 is active). To know if a given product returns one
•
byte 3: MSB
•
byte 6: LSB
Byte 7:
Checksum: XOR (byte 3, byte 4, byte 5, byte 6)
Wait for ACK
Byte 8:
The number of bytes to be read – 1 (0 < N
≤ 255);
Byte 9:
Checksum: XOR byte 8 (complement of byte 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37