Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3155 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN3155
Description  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 5Page - STMicroelectronics AN3155 Datasheet HTML 6Page - STMicroelectronics AN3155 Datasheet HTML 7Page - STMicroelectronics AN3155 Datasheet HTML 8Page - STMicroelectronics AN3155 Datasheet HTML 9Page - STMicroelectronics AN3155 Datasheet HTML 10Page - STMicroelectronics AN3155 Datasheet HTML 11Page - STMicroelectronics AN3155 Datasheet HTML 12Page - STMicroelectronics AN3155 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID17066 Rev 6
9/37
AN3155
Bootloader command set
Figure 3. Get command: device side
The STM32 sends the bytes as follows:
Byte 1:
ACK
Byte 2:
N = 11 = the number of bytes to follow – 1 except current and ACKs.
Byte 3:
Bootloader version (0 < Version < 255), example: 0x10 = Version 1.0
Byte 4:
0x00
– Get command
Byte 5:
0x01
– Get Version and Read Protection Status
Byte 6:
0x02
–Get ID
Byte 7:
0x11
– Read Memory command
Byte 8:
0x21
– Go command
Byte 9:
0x31
– Write Memory command
Byte 10:
0x43 or
0x44
– Erase command or Extended Erase command (these commands are
exlusive)
Byte 11:
0x63
– Write Protect command
Byte 12:
0x73
– Write Unprotect command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37