| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3155 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3155 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 37 page ![]() Bootloader command set AN3155 12/37 DocID17066 Rev 6 Figure 6. Get ID command: host side 1. GID = Get ID. Byte 2: N = the number of bytes – 1 (N = 1 for STM32), except for current byte and ACKs. Bytes 3-4: PID(1) byte 3 = 0x04, byte 4 = 0xXX Byte 5: ACK 1. PID stands for product ID. Byte 1 is the MSB and byte 2, the LSB of the ID. |