Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3133 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 35Page - STMicroelectronics AN3133 Datasheet HTML 36Page - STMicroelectronics AN3133 Datasheet HTML 37Page - STMicroelectronics AN3133 Datasheet HTML 38Page - STMicroelectronics AN3133 Datasheet HTML 39Page - STMicroelectronics AN3133 Datasheet HTML 40Page - STMicroelectronics AN3133 Datasheet HTML 41Page - STMicroelectronics AN3133 Datasheet HTML 42Page - STMicroelectronics AN3133 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
AN3133
Application examples
Doc ID 16956 Rev 5
41/43
Figure 28.
EXTI ISR flowchart for KEY button
KEY button ISR interrupt
Print record message
on LCD “Record Done “
ExChrono_05
Is memory used for records
available (less than 9)?
No
Yes
Return to Main program
Print No record message
on LCD “Recordable
memory is full “
Record counter and rank
LED3 ON
Display recorded counter and rank
LED3 OFF
Clear Interrupt Pending bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43