Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3133 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 31Page - STMicroelectronics AN3133 Datasheet HTML 32Page - STMicroelectronics AN3133 Datasheet HTML 33Page - STMicroelectronics AN3133 Datasheet HTML 34Page - STMicroelectronics AN3133 Datasheet HTML 35Page - STMicroelectronics AN3133 Datasheet HTML 36Page - STMicroelectronics AN3133 Datasheet HTML 37Page - STMicroelectronics AN3133 Datasheet HTML 38Page - STMicroelectronics AN3133 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
AN3133
Application examples
Doc ID 16956 Rev 5
35/43
Figure 20.
RTC Tamper ISR flowchart
Figure 21.
EXTI ISR flowchart for UP button
RTC Tamper1 Interrupt Routine
When exit from Halt mode,
show Tamper 1
detection duration.
ExTamper_03
Return to Main program
LED3 ON
LED3 OFF
Print “Tamper 1 occurs” on LCD
Clear Tamper 1 flag (IT pending bit)
Enter Halt mode
UP button ISR interrupt
ExTamper_04
Is configured Tamper Filter maximal?
No
Yes
Return to Main program
Select the next
Preconfigured Tamper
Filter
Print on LCD the Current Tamper Filter
Clear Interrupt Pending bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43