Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3133 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 35Page - STMicroelectronics AN3133 Datasheet HTML 36Page - STMicroelectronics AN3133 Datasheet HTML 37Page - STMicroelectronics AN3133 Datasheet HTML 38Page - STMicroelectronics AN3133 Datasheet HTML 39Page - STMicroelectronics AN3133 Datasheet HTML 40Page - STMicroelectronics AN3133 Datasheet HTML 41Page - STMicroelectronics AN3133 Datasheet HTML 42Page - STMicroelectronics AN3133 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AN3133
Application examples
Doc ID 16956 Rev 5
39/43
Figure 25.
RTC Tamper ISR flowchart
Figure 26.
EXTI ISR flowchart for DOWN button
RTC Tamper1 interrupt routine
Clear Tamper1 flag
Return to Main program
ExChrono_02
Delete recorded data?
Erase recorded data
Reset the chronometer counter?
Reset counter
Yes
Yes
No
No
DOWN button ISR interrupt
Parse saved data using
LEFT/ RIGHT buttons
Clear Interrupt Pending bit
ExChrono_03
UP button pressed?
Yes
No
Return to Main program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43