Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3133 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 34Page - STMicroelectronics AN3133 Datasheet HTML 35Page - STMicroelectronics AN3133 Datasheet HTML 36Page - STMicroelectronics AN3133 Datasheet HTML 37Page - STMicroelectronics AN3133 Datasheet HTML 38Page - STMicroelectronics AN3133 Datasheet HTML 39Page - STMicroelectronics AN3133 Datasheet HTML 40Page - STMicroelectronics AN3133 Datasheet HTML 41Page - STMicroelectronics AN3133 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Application examples
AN3133
38/43
Doc ID 16956 Rev 5
Figure 24.
Main program flowchart
Start the example.
ENABLE RTC Clock = LSE and wait 1s
for the stabilization of the LSE
Init Tamper 1
Init the Calendar
Init the LCD and Clear it
Config IOs for LEDs, Key
and Joystick buttons
Reset RTC fields and enter
Pause mode (by stopping RTC clock)
Disable Interrupts
Display Time on LCD
hh:mm:ss:xxx
Enable Interrupts
ExChrono_01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43